PART |
Description |
Maker |
MN101C35D MN101C35 |
Microcomputer - 8bit - General Purpose The lower limit for operation guarantee for EPROM built-in type is 2.7 V From old datasheet system Lower limit for operation guarantee for EPROM built-in is 2.7V
|
Panasonic Semiconductor Matsushita Electric Panasonic Corporation
|
MN101C54A MN101C54C MN101CF54D MN101CP54C MN101C54 |
Lower limit for operation guarantee for flash memory built-in type is 4.5 V
|
PANASONIC[Panasonic Semiconductor]
|
MN101C62F MN101C62D MN101C62 |
Microcomputer - 8bit - General Purpose LQFP080-P-1414A(Pb Free) The lower limit for operation guarantee for flash memory built-in type is 2.5 V 8-BIT, MROM, 20 MHz, MICROCONTROLLER, PQFP80
|
PANASONIC[Panasonic Semiconductor] Matsshita / Panasonic Panasonic Corporation Panasonic, Corp.
|
E75-20A E75-42A E69-21A E69-31A E69-41A E69-51A E6 |
SNAP ACTING/LIMIT SWITCH, DPDT, LATCHED, 0.1A, 11.43mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 0.1A, 7.63mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, LATCHED, 11.43mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.72mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 7.63mm, PANEL MOUNT SWITCH SNAP MOM SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 7.63mm, PANEL MOUNT
|
THE CHERRY CORP
|
E20-00M E14-00M E14-00A E13-00K E13-00H THECHERRYC |
SWITCH SNAP 20A W/THD BUSHING SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 7.32mm, PANEL MOUNT SWITCH SNAP 25A W/THD BUSHING SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6.81mm, PANEL MOUNT SWITCH SNAP SPDT 25A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 3.81mm, PANEL MOUNT SWITCH ROLLER SPDT 15A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.1mm, PANEL MOUNT SWITCH LEVER SPDT 15A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 19.2mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 7.32mm, PANEL MOUNT 5 current ratings
|
ZF Electronics, Corp. THE CHERRY CORP Cherry Semiconductor Co...
|
AT49HF010 AT49HF010-45JC AT49HF010-45JI AT49HF010- |
1-Megabit (128K x 8) 5-volt only CMOS flash memory, 40mA active, 0.3mA standby THERMISTOR, NTC; Series:B578; Thermistor type:NTC; Resistance:3kR; Tolerance, resistance: /-1%; Beta value:3988; Temperature, lower limit, beta DB25SC37 DSUB 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
DB1GB1WC DB1GB1VB DB1GB1SC DB1GB1RC DB1GB1BA DB1GB |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 9mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 19mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6mm, PANEL MOUNT SWITCH SNAP SPDT 5A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1.6mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 19mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 6mm, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
DC1EP4LD DC3CK7LD DC3CK7RD DC1FT7SD |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 48VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 48VDC, THROUGH HOLE-RIGHT ANGLE
|
ZF Electronics, Corp. THE CHERRY CORP
|
AP9938GEY-HF-16 |
Lower on-resistance
|
Advanced Power Electron...
|
2673000201 |
Lower Frequencies < 50 MHz
|
Fair-Rite Products Corp.
|
2673000801 |
Lower Frequencies < 50 MHz
|
Fair-Rite Products Corp.
|
|